Part Number Hot Search : 
TK4P60DB 304B24 HCF40161 LP295 LM393A UPA834TF RT8025 05M05
Product Description
Full Text Search
 

To Download CY7C1463AV33-100AXC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cy7c1461av33 cy7c1463av33, cy7c1465av33 36 mbit (1m x 36/2 m x 18/512k x 72) flow-through sram with nobl? architecture cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document #: 38-05356 rev. *g revised may 05, 2008 features no bus latency? (nobl?) arch itecture eliminates dead cycles between write and read cycles supports up to 133 mhz bus operations with zero wait states ? data is transferred on every clock pin compatible and functionally equivalent to zbt? devices internally self timed output buffer control to eliminate the need to use oe registered inputs for flow through operation byte write capability 3.3v and 2.5v io power supply fast clock-to-output times ? 6.5 ns (for 133 mhz device) clock enable (cen ) pin to enable clock and suspend operation synchronous self timed writes asynchronous output enable cy7c1461av33, cy7c1463av33 available in jedec-standard pb-free 100-pin tqfp package, pb-free and non pb-free 165-ball fbga package. cy7c1465av33 available in pb-free and non-pb-free 209-ball fbga package three chip enables for simple depth expansion automatic power down feature available using zz mode or ce deselect ieee 1149.1 jtag-compatible boundary scan burst capability ? linear or interleaved burst order low standby power functional description the cy7c1461av33/cy7c1463av33/cy7c1465av33 [1] are 3.3v, 1m x 36/2m x 18/512k x 72 synchronous flow-through burst srams designed specifically to support unlimited true back-to-back read and write oper ations without the insertion of wait states. the cy7c1461av33/cy7c1463av33/cy7c1465av33 is equipped with the advanced nobl logic required to enable consecutive read and write operat ions with data being trans- ferred on every clock cycle. this feature dramatically improves the throughput of data through the sram, especially in systems that require frequent write-read transitions. all synchronous inputs pass through input registers controlled by the rising edge of the clock. the clock input is qualified by the clock enable (cen ) signal, which when deasserted suspends operation and extends the previous clock cycle. maximum access delay from the clock rise is 6.5 ns (133 mhz device). write operations are controlled by the two or four byte write select (bw x ) and a write enable (we ) input. all writes are conducted with on-chip synchronous self timed write circuitry. three synchronous chip enables (ce 1 , ce 2 , ce 3 ) and an asynchronous output enable (oe ) provide for easy bank selection and output tri-state c ontrol. to avoid bus contention, the output drivers are synchronously tri-stated during the data portion of a write sequence. selection guide 133 mhz 100 mhz unit maximum access time 6.5 8.5 ns maximum operating current 310 290 ma maximum cmos standby current 120 120 ma note 1. for best practices recommendations, refer to the cypress application note system design guidelines on www.cypress.com . [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 2 of 32 logic block diagram ? cy7c1461av33 (1m x 36) logic block diagram ? cy7c1463av33 (2m x 18) c mode bw a bw b we ce1 ce2 ce3 oe read logic dqs dqp a dqp b dqp c dqp d memory array e input register bw c bw d address register write registry and data coherency control logic burst logic a0' a1' d1 d0 q1 q0 a0 a1 adv/ld ce adv/ld c c lk c en write drivers d a t a s t e e r i n g s e n s e a m p s write address register a0, a1, a o u t p u t b u f f e r s e zz sleep control c mode bw a bw b we ce1 ce2 ce3 oe read logic dqs dqp a dqp b memory array e input register address register write registry and data coherency control logic burst logic a0' a1' d1 d0 q1 q0 a0 a1 adv/ld ce adv/ld c c lk c en write drivers d a t a s t e e r i n g s e n s e a m p s write address register a0, a1, a o u t p u t b u f f e r s e zz sleep control [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 3 of 32 logic block diagram ? cy7c1465av33 (512k x 72) c mode ce1 ce2 ce3 oe read logic dqs dqp a dqp b dqp c dqp d memory array e input register address register write registry and data coherency control logic burst logic a0' a1' d1 d0 q1 q0 a0 a1 ce adv/ld c clk cen write drivers d a t a s t e e r i n g s e n s e a m p s write address register a0, a1, a o u t p u t b u f f e r s e adv/ld we zz sleep control bw a bw c bw e bw g bw b bw d bw f bw h dqp e dqp f dqp g dqp h [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 4 of 32 pin configurations 100-pin tqfp pinout a a a a a1 a0 nc/288m nc/144m v ss v dd a a a a a a dqp b dq b dq b v ddq v ss dq b dq b dq b dq b v ss v ddq dq b dq b v ss nc v dd dq a dq a v ddq v ss dq a dq a dq a dq a v ss v ddq dq a dq a dqp a dqp c dq c dq c v ddq v ss dq c dq c dq c dq c v ss v ddq dq c dq c nc v dd nc v ss dq d dq d v ddq v ss dq d dq d dq d dq d v ss v ddq dq d dq d dqp d a a ce 1 ce 2 bw d bw c bw b bw a ce 3 v dd v ss clk we cen oe a a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 a a adv/ld zz mode nc/72m cy7c1461av33 byte a byte b byte d byte c a a [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 5 of 32 100-pin tqfp pinout pin configurations (continued) a a a a a1 a0 nc/288m nc/144m v ss v dd a a a a a a a nc nc v ddq v ss nc dqp a dq a dq a v ss v ddq dq a dq a v ss nc v dd dq a dq a v ddq v ss dq a dq a nc nc v ss v ddq nc nc nc nc nc nc v ddq v ss nc nc dq b dq b v ss v ddq dq b dq b nc v dd nc v ss dq b dq b v ddq v ss dq b dq b dqp b nc v ss v ddq nc nc nc a a ce 1 ce 2 nc nc bw b bw a ce 3 v dd v ss clk we cen oe a a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 a a adv/ld zz mode nc/72m cy7c1463av33 byte a byte b a a [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 6 of 32 pin configurations (continued) 165-ball fbga (15 x 17 x 1.4 mm) pinout cy7c1461av33 (1m x 36) 234 567 1 a b c d e f g h j k l m n p r tdo nc/576m nc/1g dqp c dq c dqp d nc dq d ce 1 bw b ce 3 bw c cen a ce2 dq c dq d dq d mode nc dq c dq c dq d dq d dq d nc/72m v ddq bw d bw a clk we v ss v ss v ss v ss v ddq v ss v dd v ss v ss v ss v ss v ss v ss v ddq v ddq nc v ddq v ddq v ddq v ddq a a v dd v ss v dd v ss v ss v ddq v dd v ss v dd v ss v dd v ss v ss v ss v dd v dd v ss v dd v ss v ss nc tck v ss tdi a a dq c v ss dq c v ss dq c dq c nc v ss v ss v ss v ss nc v ss a1 dq d dq d nc/144m nc v ddq v ss tms 891011 nc/288m a a adv/ld nc oe a nc v ss v ddq nc dqp b v ddq v dd dq b dq b dq b nc dq b nc dq a dq a v dd v ddq v dd v ddq dq b v dd nc v dd dq a v dd v ddq dq a v ddq v dd v dd v ddq v dd v ddq dq a v ddq a a v ss a a a dq b dq b dq b zz dq a dq a dqp a dq a a v ddq a a0 a v ss nc cy7c1463av33 (2m x 18) 234 567 1 a b c d e f g h j k l m n p r tdo nc/576m nc/1g nc nc dqp b nc dq b ce 1 nc ce 3 bw b cen a ce2 nc dq b dq b mode nc dq b dq b nc nc nc nc/72m v ddq nc bw a clk we v ss v ss v ss v ss v ddq v ss v dd v ss v ss v ss v ss v ss v ss v ddq v ddq nc v ddq v ddq v ddq v ddq a a v dd v ss v dd v ss v ss v ddq v dd v ss v dd v ss v dd v ss v ss v ss v dd v dd v ss v dd v ss v ss nc tck v ss tdi a a dq b v ss nc v ss dq b nc nc v ss v ss v ss v ss nc v ss a1 dq b nc nc/144m nc v ddq v ss tms 891011 nc/288m a a adv/ld a oe a nc v ss v ddq nc dqp a v ddq v dd nc dq a dq a nc nc nc dq a nc v dd v ddq v dd v ddq dq a v dd nc v dd nc v dd v ddq dq a v ddq v dd v dd v ddq v dd v ddq nc v ddq a a v ss a a a dq a nc nc zz dq a nc nc dq a a v ddq a a0 a v ss nc a a a a [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 7 of 32 pin configurations (continued) a b c d e f g h j k l m n p r t u v w 123456789 11 10 dqg dqg dqg dqg dqg dqg dqg dqg dqc dqc dqc dqc nc dqpg dqh dqh dqh dqh dqd dqd dqd dqd dqpd dqpc dqc dqc dqc dqc nc dqh dqh dqh dqh dqph dqd dqd dqd dqd dqb dqb dqb dqb dqb dqb dqb dqb dqf dqf dqf dqf nc dqpf dqa dqa dqa dqa dqe dqe dqe dqe dqpa dqpb dqf dqf dqf dqf nc dqa dqa dqa dqa dqpe dqe dqe dqe dqe aa aa nc nc nc/144m nc/72m a nc/288m a aa aa a a1 a0 a aa aa a nc/576m nc nc nc nc nc bws b bws f bws e bws a bws c bws g bws d bws h tms tdi tdo tck nc nc mode nc cen v ss nc clk nc v ss v dd v dd v dd v dd v dd v dd v dd v dd v dd v dd v dd v dd v dd v ss v ss v ss v ss v ss v ss v ss v ss nc/1g v dd nc oe ce 3 ce 1 ce 2 adv/ld we v ss v ss v ss v ss v ss v ss v ss zz v ss v ss v ss v ss nc v ddq v ss v ss nc v ss v ss v ss v ss v ss v ss nc v ss v ddq v ddq v ddq v ddq v ddq nc v ddq v ddq v ddq v ddq nc v ddq v ddq v ddq v ddq nc v ddq v ddq v ddq v ddq v ddq v ddq v ddq v ddq v ddq v ddq 209-ball fbga (14 x 22 x 1.76 mm) pinout cy7c1465av33 (512k 72) [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 8 of 32 pin definitions pin name io description a 0 , a 1 , a input- synchronous address inputs. used to select one of the address locations. sampled at the rising edge of the clk. a [1:0] are fed to the two-bit burst counter. bw a , bw b bw c , bw d , bw e , bw f , bw g , bw h input- synchronous byte write inputs, active low . qualified with we to conduct writes to the sram. sampled on the rising edge of clk. we input- synchronous write enable input, active low . sampled on the rising edge of clk if cen is active low. this signal must be asserted low to initiate a write sequence. adv/ld input- synchronous advance or load input . used to advance the on-chip address counter or load a new address. when high (and cen is asserted low) the internal burs t counter is advanced. when low, a new address can be loaded into the device for an access. after deselecting, drive adv/ld low to load a new address. clk input- clock clock input . used to capture all synchronous inputs to the device. clk is qualified with cen . clk is only recognized if cen is active low. ce 1 input- synchronous chip enable 1 input, active low . sampled on the rising edge of clk. used in conjunction with ce 2 and ce 3 to select or de select the device. ce 2 input- synchronous chip enable 2 input, active high . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 3 to select or deselect the device. ce 3 input- synchronous chip enable 3 input, active low . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 2 to select or deselect the device. oe input- asynchronous output enable, asynchronous input, active low . combined with the synchronous logic block inside the device to control the direction of the io pins. when low, the io pins are allowed to behave as outputs. when deasserted high, io pins are tri-stated and act as input data pins. oe is masked during the data portion of a write sequence, during th e first clock when emerging from a deselected state, and when the device is deselected. cen input- synchronous clock enable input, active low . when asserted low the clock signal is recognized by the sram. when deasserted high the clock si gnal is masked. because deasserting cen does not deselect the device, use cen to extend the previous cycle when required. zz input- asynchronous zz ?sleep? input . this active high input places the devi ce in a non time critical sleep condition with data integrity preserved. during normal operation, this pin has to be low or left floating. zz pin has an internal pull down. dq s io- synchronous bidirectional data io lines . as inputs, they feed into an on-chip data register that is triggered by the rising edge of clk. as outputs, they deliver t he data contained in the memory location specified by the addresses presented during the previous cl ock rise of the read cycle. the direction of the pins is controlled by oe . when oe is asserted low, the pins behave as outputs. when high, dq s and dqp [a:d] are placed in a tri-state condition.the ou tputs are automatically tri-stated during the data portion of a write sequence, during the fi rst clock when emerging from a deselected state, and when the device is deselected, regardless of the state of oe . dqp x io- synchronous bidirectional data parity io lines. functionally, these signals are identical to dq s . during write sequences, dqp x is controlled by bw x correspondingly. mode input strap pin mode input. selects the burst order of the device. when tied to gnd selects linear burst sequence. when tied to v dd or left floating selects interleaved burst sequence. v dd power supply power supply inputs to the core of the device . v ddq io power supply power supply for io circuitry . v ss ground ground for the device . [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 9 of 32 functional overview the cy7c1461av33/cy7c1463av33/cy7c1465av33 is a synchronous flow through burst sram designed specifically to eliminate wait states during write-read transitions. all synchronous inputs pass through input registers controlled by the rising edge of the clock. the clock signal is qualified with the clock enable input signal (cen ). if cen is high, the clock signal is not recognized and all internal states are maintained. all synchronous operations are qualified with cen . maximum access delay from the clock rise (t cdv ) is 6.5 ns (133 mhz device). accesses can be initiated by asserting all three chip enables (ce 1 , ce 2 , ce 3 ) active at the rising edg e of the clock. if cen is active low and adv/ld is asserted low, the address presented to the device is latched. the access can either be a read or write operation, depend ing on the status of the write enable (we ). bw x can be used to conduct byte write operations. write operations are qualif ied by the write enable (we ). all writes are simplified with on-chip synchronous self timed write circuitry. three synchronous chip enables (ce 1 , ce 2 , ce 3 ) and an asynchronous output enable (oe ) simplify depth expansion. all operations (reads, writes, and de selects) are pipelined. adv/ld must be driven low after the dev ice is deselected to load a new address for the next operation. single read accesses a read access is initiated when these conditions are satisfied at clock rise: cen is asserted low ce 1 , ce 2 , and ce 3 are all asserted active the write enable input signal we is deasserted high adv/ld is asserted low the address presented to the address inputs is latched into the address register and presented to the memory array and control logic. the control logic determines that a read access is in progress and allows the requested data to propagate to the output buffers. the data is av ailable within 6.5 ns (133 mhz device) provided oe is active low. after the first clock of the read access, the output buffers are controlled by oe and the internal control logic. oe must be driven low for the device to drive out the requested data. on the subsequent clock, another operation (read/write/deselect ) can be initiated. when the sram is deselected at clock rise by one of the chip enable signals, its output is tri-stated immediately. burst read accesses the cy7c1461av33/cy7c1463av33/cy7c1465av33 has an on-chip burst counter that provides the ability to supply a single address and conduct up to four reads without reasserting the address inputs. adv/ld must be driven low to load a new address into the sram, as described in the single read accesses section. the sequence of the burst counter is deter- mined by the mode input signal. a low input on mode selects a linear burst mode, a high selects an interleaved burst sequence. both burst counters use a0 and a1 in the burst sequence, and wraps around when incremented sufficiently. a high input on adv/ld increments the internal burst counter regardless of the state of chip enable inputs or we . we is latched at the beginning of a burst cycle. therefore, the type of access (read or write) is maintained throughout the burst sequence. tdo jtag serial output synchronous serial data-out to the jtag circuit . delivers data on the negativ e edge of tck. if the jtag feature is not used, leave this pin unconnected. this pin is not available on tqfp packages. tdi jtag serial input synchronous serial data-in to the jtag circuit . sampled on the rising edge of tc k. if the jtag feature is not used, this pin can be left floating or connected to v dd through a pull up resistor. this pin is not available on tqfp packages. tms jtag serial input synchronous serial data-in to the jtag circuit . sampled on the rising edge of tc k. if the jtag feature is not used, this pin can be disconnected or connected to v dd . this pin is not available on tqfp packages. tck jtag-clock clock input to th e jtag circuitry . if the jtag feature is not us ed, this pin must be connected to v ss . this pin is not available on tqfp packages. nc n/a no connects . not internally connected to the die. nc/72m n/a not connected to the die . can be tied to any voltage level. nc /144m n/a not connected to the die . can be tied to any voltage level. nc /288m n/a not connected to the die . can be tied to any voltage level. nc /576m n/a not connected to the die . can be tied to any voltage level. nc /1g n/a not connected to the die . can be tied to any voltage level. pin definitions (continued) pin name io description [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 10 of 32 single write accesses write access are initiated when the following conditions are satisfied at clock rise: (1) cen is asserted low, (2) ce 1 , ce 2 , and ce 3 are all asserted active, and (3) the write signal we is asserted low. the address presented to the address bus is loaded into the address register. the write signals are latched into the control logic block. the data lines are automatically tri-stated regardless of the state of the oe input signal. this allows the external logic to present the data on dqs and dqp x . on the next clock rise the data presented to dqs and dqp x (or a subset for byte write operations, see truth table for details) inputs is latched into the device and the write is complete. additional accesses (read/write/deselect) can be initiated on this cycle. the data written during the write operation is controlled by bw x signals. the cy7c1461av33/cy7c1463av33/cy7c1465av33 provides byte write capability that is described in the truth table. asserting the (we ) with the selected byte write select input selectively writes to only the de sired bytes. bytes not selected during a byte write operation remains unaltered. a synchronous self timed write mechanism is provided to simplify the write operations. byte write capability is included to greatly simplify read/modify/write sequences, which can be reduced to simple byte write operations. because the cy7c1461av33/cy7c1463av33/cy7c1465av33 is a common io device, data must not be driven into the device when the outputs are active. the oe can be deasserted high before presenting data to the dqs and dqp x inputs. this tri-states the output drivers. as a safety precaution, dqs and dqp x are automatically tri-stated during the data portion of a write cycle, regardless of the state of oe . burst write accesses the cy7c1461av33/cy7c1463av33/cy7c1465av33 has an on-chip burst counter t hat provides the ability to supply a single address and conduct up to four write operations without reasserting the address inputs. adv/ld must be driven low to load the initial address, as described in the single write accesses section. when adv/ld is driven high on the subse- quent clock rise, the chip enables (ce 1 , ce 2 , and ce 3 ) and we inputs are ignored and the burst counter is incremented. the correct bw x inputs must be driven in each cycle of the burst write, to write the correct bytes of data. . sleep mode the zz input pin is an asynchronous input. asserting zz places the sram in a power conserva tion sleep mode. two clock cycles are required to enter into or exit from this sleep mode. when in this mode, data integrity is guaranteed. accesses pending when entering the sleep mode are not considered valid nor is the completion of the operation guaranteed. the device must be deselected prior to entering the sleep mode. ce 1 , ce 2 , and ce 3 , must remain inactive for the duration of t zzrec after the zz input returns low. interleaved burst address table (mode = floating or v dd ) first address a1: a0 second address a1: a0 third address a1: a0 fourth address a1: a0 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00 linear burst address table (mode = gnd) first address a1: a0 second address a1: a0 third address a1: a0 fourth address a1: a0 00 01 10 11 01 10 11 00 10 11 00 01 11 00 01 10 zz mode electrical characteristics parameter description test conditions min max unit i ddzz sleep mode standby current zz > v dd ? 0.2v 100 ma t zzs device operation to zz zz > v dd ? 0.2v 2t cyc ns t zzrec zz recovery time zz < 0.2v 2t cyc ns t zzi zz active to sleep current t his parameter is sampled 2t cyc ns t rzzi zz inactive to exit sleep curre nt this parameter is sampled 0 ns [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 11 of 32 truth table the truth table for cy7c1461av33/cy7c1463av33/cy7c1465av33 follows. [2, 3, 4, 5, 6, 7, 8] operation address used ce 1 ce 2 ce 3 zz adv/ld we bw x oe cen clk dq deselect cycle none h x x l l x x x l l->h tri-state deselect cycle none x x h l l x x x l l->h tri-state deselect cycle none x l x l l x x x l l->h tri-state continue deselect cycle none x x x l h x x x l l->h tri-state read cycle (begin burst) external l h l l l h x l l l->h data out (q) read cycle (continue burst) next x x x l h x x l l l->h data out (q) nop/dummy read (begin burst) external l h l l l h x h l l->h tri-state dummy read (continue burst) next x x x l h x x h l l->h tri-state write cycle (begin burst) external l h l l l l l x l l->h data in (d) write cycle (continue burst) next x x x l h x l x l l->h data in (d) nop/write abort (begin burst) none l h l l l l h x l l->h tri-state write abort (continue burst) next x x x l h x h x l l->h tri-state ignore clock edge (stall) current x x x l x x x x h l->h ? sleep mode none xxxh x xxxxxtri-state notes 2. x = ?don't care.? h = logic high, l = logic low. bw x = l signifies at least one byte write select is active, bw x = valid signifies that the desired byte write selects are asserted, see truth table for details. 3. write is defined by bw x , and we . see truth table for read or write. 4. when a write cycle is detected, all io s are tri-stated, even during byte writes. 5. the dqs and dqp x pins are controlled by the current cycle and the oe signal. oe is asynchronous and is not sampled with the clock. 6. cen = h, inserts wait states. 7. device powers up deselected and the ios in a tri-state condition, regardless of oe . 8. oe is asynchronous and is not sampled with the clock rise. it is masked internally during write cycles. during a read cycle dqs a nd dqp x = tri-state when oe is inactive or when the devi ce is deselected, and dqs and dqp x = data when oe is active. [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 12 of 32 truth table for read/write [2, 9] function (cy7c1461av33) we bw a bw b bw c bw d read hxxxx write ? no bytes written l h h h h write byte a ? (dq a and dqp a )llhhh write byte b ? (dq b and dqp b )lhlhh write byte c ? (dq c and dqp c )lhhlh write byte d ? (dq d and dqp d )lhhhl write all bytes l l l l l truth table for read/write [2, 9] function (cy7c1463av33) we bw b bw a read hxx write ? no bytes written l h h write byte a ? (dq a and dqp a )lhl write byte b ? (dq b and dqp b )llh write both bytes l l l truth table for read/write [2, 9] function (cy7c1465av33) we bw x read hx write ? no bytes written lh write byte x ? (dq x and dqp x) ll write all bytes l all bw = l note 9. table only lists a partial listing of the by te write combinations. any combination of bw x is valid. appropriate write is done based on which byte write is active [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 13 of 32 ieee 1149.1 serial boundary scan (jtag) the cy7c1461av33/cy7c1463av33/cy7c1465av33 incorpo- rates a serial boundary scan test access port (tap). this part is fully compliant with 1149.1. the tap operates using jedec-standard 3.3v and 2.5v io logic level. the cy7c1461av33/cy7c1463av33/cy7c1465av33 contains a tap controller, instruction register, boundary scan register, bypass register, and id register. disabling the jtag feature it is possible to operate the sram without using the jtag feature. to disable the tap co ntroller, tck must be tied low (v ss ) to prevent clocking of the device. tdi and tms are inter- nally pulled up and may be unconnected. they may alternately be connected to v dd through a pull up resistor. tdo must be left unconnected. on power up, the device is up in a reset state which does not interfere with the operation of the device. the 0/1 next to each state represents the value of tms at the rising edge of tck. test access port (tap) test clock (tck) the test clock is used only with the tap controller. all inputs are captured on the rising edge of tc k. all outputs are driven from the falling edge of tck. test mode select (tms) the tms input is used to give commands to the tap controller and is sampled on the rising edge of tck. it is allowable to leave this ball unconnected if the tap is not used. the ball is pulled up internally, resulting in a logic high level. test data-in (tdi) the tdi ball is used to serially in put information into the registers and can be connected to the inpu t of any of the registers. the register between tdi and tdo is chosen by the instruction that is loaded into the tap instruction register. tdi is internally pulled up and can be unconnected if the tap is unused in an appli- cation. tdi is connected to the mo st significant bit (msb) of any register (see tap controller block diagram ). test data-out (tdo) the tdo output ball is used to serially clock data-out from the registers. the output is active depending on the current state of the tap state machine. the output changes on the falling edge of tck. tdo is connected to the least significant bit (lsb) of any register (see tap controller state diagram ). performing a tap reset a reset is performed by forcing tms high (vdd) for five rising edges of tck. this reset does not affect the operation of the sram and may be performed while the sram is operating. at power up, the tap is reset internally to ensure that tdo comes up in a high-z state. tap registers registers are connected betw een the tdi and tdo balls and enable data to be scanned into and out of the sram test circuitry. only one register can be selected at a time through the instruction register. data is serially loaded into the tdi ball on the rising edge of tck. data is output on the tdo ball on the falling edge of tck. instruction register three-bit instructions can be serially loaded into the instruction register. this register is loaded when it is placed between the tdi and tdo balls as shown in the tap controller block diagram . on power up, the instruction r egister is loade d with the idcode instruction. it is also loaded with the idcode instruction if the controller is placed in a reset state as described in the previous section. tap controller state diagram test-logic reset run-test/ idle select dr-scan select ir-scan capture-dr shift-dr capture-ir shift-ir exit1-dr pause-dr exit1-ir pause-ir exit2-dr update-dr exit2-ir update-ir 1 1 1 0 1 1 0 0 1 1 1 0 0 0 0 0 0 0 0 0 1 0 1 1 0 1 0 1 1 1 1 0 tap controller block diagra bypass register 0 instruction register 0 1 2 identication register 0 1 2 29 30 31 . . . boundary scan register 0 1 2 . . x . . . selection circuitry tck tms tap controller tdi td o selection circuitry [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 14 of 32 when the tap controller is in t he capture-ir state, the two least significant bits are loaded with a binary ?01? pattern to enable fault isolation of the board level serial test data path. bypass register to save time when serially shifting data through registers, it is sometimes advantageous to skip certain chips. the bypass register is a single-bit register that can be placed between the tdi and tdo balls. this enables data to be shifted through the sram with minimal delay. the bypass register is set low (v ss ) when the bypass instruct ion is executed. boundary scan register the boundary scan register is connected to all the input and bidirectional balls on the sram. the length of the boundary scan register for the sram in different packages is listed in the scan register sizes table. the boundary scan register is lo aded with the contents of the ram io ring when the tap controller is in the capture-dr state and is then placed between the tdi and tdo balls when the controller is moved to the shift-dr state. the extest, sample/preload, and sample z instructions can be used to capture the conten ts of the io ring. the boundary scan order tables show the order in which the bits are connected. each bit corresponds to one of the bumps on the sram package. the msb of the register is connected to tdi, and the lsb is connected to tdo. identification (id) register the id register is loaded with a vendor-specific, 32-bit code during the capture-dr stat e when the idcode command is loaded in the instruction register . the idcode is hardwired into the sram and can be shifted out when the tap controller is in the shift-dr state. the id regi ster has a vendor code and other information described in the identification regi ster definitions table. tap instruction set overview eight different instructions are possible with the three bit instruction register. al l combinations are listed in the instruction codes table. three of thes e instructions are listed as reserved and must not be used. the other five instructions are described in the following section in detail. instructions are loaded into the tap controller during the shift-ir state when the instruction register is placed between tdi and tdo. during this state, instructions are shifted through the instruction register through the tdi and tdo balls. to execute the instruction after it is shifte d in, the tap controller must be moved into the update-ir state. idcode the idcode instruction causes a vendor specific, 32-bit code to be loaded into the instruction register. it also places the instruction register between the tdi and tdo balls and enables the idcode to be shifted out of the device when the tap controller enters the shift-dr state. the idcode instruction is loaded into the instruction register on power up or whenever the tap controller is supplied a test logic reset state. sample z the sample z instruction causes the boundary scan register to be connected between the tdi and tdo pins when the tap controller is in a shift-dr st ate. the sample z command puts the output bus into a high-z st ate until the next command is supplied during the update ir state. sample/preload sample/preload is a 1149.1 mandatory instruction. when the sample/preload instruct ions are loaded into the instruction register and the tap controller is in the capture-dr state, a snapshot of data on the inputs and output pins is captured in the boundary scan register. the tap controller clock can only operate at a frequency up to 20 mhz, while the sram clock operates more than an order of magnitude faster. because there is a large difference in the clock frequencies, it is possible that during the capture-dr state, an input or output undergoes a tran sition. the tap may then try to capture a signal while in transition (metastable state). this does not harm the device, but there is no guarantee as to the value that is captured. repeatable results may not be possible. to guarantee that the boundary scan register captures the correct value of a signal, the sram signal must be stabilized long enough to meet the tap cont roller's capture setup plus hold times (t cs and t ch ). the sram clock input might not be captured correctly if there is no way in a design to stop (or slow) the clock during a sample/preload instruction. if this is an issue, it is still possible to capture all othe r signals and simply ignore the value of the ck and ck captured in the boundary scan register. after the data is captured, it is possible to shift out the data by putting the tap into the shift-dr state. this places the boundary scan register between the tdi and tdo pins. preload enables an initial data pattern to be placed at the latched parallel outputs of the boun dary scan register cells prior to the selection of another boundary scan test operation. the shifting of data for the sample and preload phases can occur concurrently when require d?that is, while data captured is shifted out, the preloaded data can be shifted in. bypass when the bypass instruction is loaded in the instruction register and the tap is placed in a shift- dr state, the bypass register is placed between the tdi and tdo pins. the advantage of the bypass instruction is that it shortens the boundary scan path when multiple devices are connected together on a board. extest the extest instruction enables the preloaded data to be driven out through the system ou tput pins. this inst ruction also selects the boundary scan register to be connected for serial access between the tdi and tdo in the shift-dr controller state. extest output bus tri-state ieee standard 1149.1 mandates that the tap controller be able to put the output bus into a tri-state mode. [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 15 of 32 the boundary scan register has a special bit located at bit #89 (for 165-fbga package) or bit #138 (for 209-fbga package). when this scan cell, called the ?extest output bus tri-state?, is latched into the preload register during the ?update-dr? state in the tap controller, it directly controls the state of the output (q-bus) pins when the extest is entered as the current instruction. when high, it enable s the output buffers to drive the output bus. when low, this bit places the output bus into a high-z condition. this bit can be set by entering the sample/preload or extest command and then shifting the desired bit into that cell, during the shift-dr state. during update-dr, the value loaded into that shift register cell latches into the preload register. when the extest instruction is entered, this bit directly controls the output q-bus pins. note that this bit is pre-set high to enable the output when the device is powered-up, and also when the tap controller is in the test-logic-reset state. reserved these instructions are not im plemented but are reserved for future use. do not use these instructions. tap timing t tl test clock (tck) 123456 t est mode select (tms) t th test data-out (tdo) t cyc test data-in (tdi) t tmsh t tmss t tdih t tdis t tdox t tdov dont care undefined [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 16 of 32 tap ac switching characteristics over the operating range [10, 11] parameter description min max unit clock t tcyc tck clock cycle time 50 ns t tf tck clock frequency 20 mhz t th tck clock high time 20 ns t tl tck clock low time 20 ns output times t tdov tck clock low to tdo valid 10 ns t tdox tck clock low to tdo invalid 0 ns setup times t tmss tms setup to tck clock rise 5 ns t tdis tdi setup to tck clock rise 5 ns t cs capture setup to tck rise 5 ns hold times t tmsh tms hold after tck clock rise 5 ns t tdih tdi hold after clock rise 5 ns t ch capture hold after clock rise 5 ns notes 10. t cs and t ch refer to the setup and hold time requirements of latching data from the boundary scan register. 11. test conditions are specified using the load in tap ac test conditions. t r /t f = 1 ns. [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 17 of 32 3.3v tap ac test conditions input pulse levels.................................................v ss to 3.3v input rise and fall times....................................................1 ns input timing reference levels...... ..................................... 1.5v output reference levels .................................................. 1.5v test load termination supply voltage .............................. 1.5v 2.5v tap ac test conditions input pulse levels................................................. v ss to 2.5v input rise and fall time .....................................................1 ns input timing reference levels.... ..................................... 1.25v output reference levels ........... .................................... .1.25v test load termination supply voltage ............................ 1.25v 3.3v tap ac output load equivalent tdo 1.5v 20pf z = 50 o 50 tdo 1.25v 20pf z = 50 o 50 (0c < ta < +70c; v dd = 3.135 to 3.6v unless otherwise noted) [12] parameter description test conditions min max unit v oh1 output high voltage i oh = ?4.0 ma, v ddq = 3.3v 2.4 v i oh = ?1.0 ma, v ddq = 2.5v 2.0 v v oh2 output high voltage i oh = ?100 a v ddq = 3.3v 2.9 v v ddq = 2.5v 2.1 v v ol1 output low voltage i ol = 8.0 ma v ddq = 3.3v 0.4 v i ol = 1.0 ma v ddq = 2.5v 0.4 v v ol2 output low voltage i ol = 100 a v ddq = 3.3v 0.2 v v ddq = 2.5v 0.2 v v ih input high voltage v ddq = 3.3v 2.0 v dd + 0.3 v v ddq = 2.5v 1.7 v dd + 0.3 v v il input low voltage v ddq = 3.3v ?0.3 0.8 v v ddq = 2.5v ?0.3 0.7 v i x input load current gnd < v in < v ddq ?5 5 a note 12. all voltages referenced to v ss (gnd). [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 18 of 32 identification regi ster definitions instruction field cy7c1461av33 (1m x 36) cy7c1463av33 (2m x 18) cy7c1465av33 (512k x 72) description revision number (31:29) 000 000 000 describes the version number device depth (28:24) [13] 01011 01011 01011 reserved for internal use architecture and memory type (23:18) 001001 001001 001001 defines memory type and architecture bus width and density(17:12) 100111 010111 110111 defines width and density cypress jedec id code (11:1) 00000110100 00000110100 00000110100 allows unique identification of sram vendor id register presence indicator (0) 1 1 1 indicates the presence of an id register scan register sizes register name bit size (x36) bit size (x18) bit size (x72) instruction 3 3 3 bypass 1 1 1 id 32 32 32 boundary scan order (165-ball fbga package) 89 89 ? boundary scan order (209-ball fbga package) ? ? 138 identification codes instruction code description extest 000 captures io ring contents. places the boundary scan register between tdi and tdo. forces all sram outputs to high-z state. idcode 001 loads the id register with the vendor id code and places the register between tdi and tdo. this operation does not affect sram operations. sample z 010 captures io ring contents. places the boundary scan register between tdi and tdo. forces all sram output drivers to a high-z state. reserved 011 do not use: this instruct ion is reserved for future use. sample/preload 100 captures io ring contents. plac es the boundary scan register between tdi and tdo. does not affect sram operation. reserved 101 do not use: this instruct ion is reserved for future use. reserved 110 do not use: this instruct ion is reserved for future use. bypass 111 places the bypass register between tdi an d tdo. this operation does not affect sram operations. note 13. bit #24 is ?1? in the id register definitions fo r both 2.5v and 3.3v versions of this device. [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 19 of 32 165-ball fbga b oundary scan order [14] cy7c1461av33 (1m x 36), cy7c1463av33 (2m x 18) bit# ball id bit# ball id bit# ball id bit# ball id 1n6 26e11 51a3 76n1 2n7 27d11 52a2 77n2 3 n10 28 g10 53 b2 78 p1 4p11 29f10 54c2 79r1 5 p8 30 e10 55 b1 80 r2 6 r8 31 d10 56 a1 81 p3 7 r9 32 c11 57 c1 82 r3 8p9 33a11 58d1 83p2 9 p10 34 b11 59 e1 84 r4 10 r10 35 a10 60 f1 85 p4 11 r11 36 b10 61 g1 86 n5 12 h11 37 a9 62 d2 87 p6 13n11 38b9 63e2 88r6 14 m11 39 c10 64 f2 89 internal 15 l11 40 a8 65 g2 16 k11 41 b8 66 h1 17 j11 42 a7 67 h3 18 m10 43 b7 68 j1 19l10 44b6 69k1 20 k10 45 a6 70 l1 21 j10 46 b5 71 m1 22 h9 47 a5 72 j2 23h10 48a4 73k2 24 g11 49 b4 74 l2 25 f11 50 b3 75 m2 note 14. bit# 89 is preset high. [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 20 of 32 209-ball fbga b oundary scan order [15] cy7c1465av33 (512k x 72) bit# ball id bit# ball id bit# ball id bit# ball id 1 w6 36 f6 71 h6 106 k3 2v637k872c6107k4 3 u6 38k9 73b6 108k6 4 w7 39 k10 74 a6 109 k2 5 v7 40 j11 75 a5 110 l2 6 u7 41 j10 76 b5 111 l1 7 t7 42 h11 77 c5 112 m2 8v8 43h10 78d5 113m1 9 u8 44 g11 79 d4 114 n2 10 t8 45 g10 80 c4 115 n1 11 v9 46 f11 81 a4 116 p2 12 u9 47 f10 82 b4 117 p1 13 p6 48 e10 83 c3 118 r2 14 w11 49 e11 84 b3 119 r1 15 w10 50 d11 85 a3 120 t2 16 v11 51 d10 86 a2 121 t1 17 v10 52 c11 87 a1 122 u2 18 u11 53 c10 88 b2 123 u1 19 u10 54 b11 89 b1 124 v2 20 t11 55 b10 90 c2 125 v1 21 t10 56 a11 91 c1 126 w2 22 r11 57 a10 92 d2 127 w1 23 r10 58 c9 93 d1 128 t6 24 p11 59 b9 94 e1 129 u3 25 p10 60 a9 95 e2 130 v3 26 n11 61 d8 96 f2 131 t4 27 n10 62 c8 97 f1 132 t5 28 m11 63 b8 98 g1 133 u4 29 m10 64 a8 99 g2 134 v4 30 l11 65 d7 100 h2 135 w5 31 l10 66 c7 101 h1 136 v5 32 k11 67 b7 102 j2 137 u5 33 m6 68 a7 103 j1 138 internal 34 l6 69 d6 104 k1 35 j6 70 g6 105 n6 note 15. bit# 138 is preset high. [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 21 of 32 maximum ratings exceeding maximum ratings may impair the useful life of the device. these user guidelines are not tested. storage temperature ................................. ?65 c to +150 c ambient temperature with power applied ............................................ ?55 c to +125 c supply voltage on v dd relative to gnd ........?0.5v to +4.6v supply voltage on v ddq relative to gn d ...... ?0.5v to +v dd dc voltage applied to outputs in tri-state ...........................................?0.5v to v ddq + 0.5v dc input voltage ................................... ?0.5v to v dd + 0.5v current into outputs (low)..... .................................... 20 ma static discharge voltage.......... ........... ............ .......... >2001v (mil-std-883, method 3015) latch up current .................................................... >200 ma operating range range ambient temperature v dd v ddq commercial 0c to +70c 3.3v ?5%/+10% 2.5v ? 5% to v dd industrial ?40c to +85c electrical characteristics over the operating range [16, 17] parameter description test conditions min max unit v dd power supply voltage 3.135 3.6 v v ddq io supply voltage for 3.3v io 3.135 v dd v for 2.5v io 2.375 2.625 v v oh output high voltage for 3.3v io, i oh = ?4.0 ma 2.4 v for 2.5v io, i oh = ?1.0 ma 2.0 v v ol output low voltage for 3.3v io, i ol = 8.0 ma 0.4 v for 2.5v io, i ol = 1.0 ma 0.4 v v ih input high voltage [16] for 3.3v io 2.0 v dd + 0.3v v for 2.5v io 1.7 v dd + 0.3v v v il input low voltage [16] for 3.3v io ?0.3 0.8 v for 2.5v io ?0.3 0.7 v i x input leakage current except zz and mode gnd v i v ddq ?5 5 a input current of mode input = v ss ?30 a input = v dd 5 a input current of zz input = v ss ?5 a input = v dd 30 a i oz output leakage current gnd v i v ddq, output disabled ?5 5 a i dd v dd operating supply current v dd = max, i out = 0 ma, f = f max = 1/t cyc 7.5 ns cycle, 133 mhz 310 ma 10 ns cycle, 100 mhz 290 ma i sb1 automatic ce power down current?ttl inputs v dd = max, device deselected, v in v ih or v in v il f = f max , inputs switching 7.5 ns cycle, 133 mhz 180 ma 10 ns cycle, 100 mhz 180 ma i sb2 automatic ce power down current?cmos inputs v dd = max, device deselected, v in 0.3v or v in > v dd ? 0.3v, f = 0, inputs static all speeds 120 ma i sb3 automatic ce power down current?cmos inputs v dd = max, device deselected, or v in 0.3v or v in > v ddq ? 0.3v f = f max , inputs switching 7.5 ns cycle, 133 mhz 180 ma 10 ns cycle, 100 mhz 180 ma i sb4 automatic ce power down current?ttl inputs v dd = max, device deselected, v in v dd ? 0.3v or v in 0.3v, f = 0, inputs static all speeds 135 ma notes 16. overshoot: v ih (ac) < v dd +1.5v (pulse width less than t cyc /2), undershoot: v il (ac) > ?2v (pulse width less than t cyc /2). 17. t power-up : assumes a linear ramp from 0v to v dd (min.) within 200 ms. during this time v ih < v dd and v ddq < v dd . [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 22 of 32 capacitance in the following table, the capacitance parameters are listed. [18] parameter description test conditions 100 tqfp max 165 fbga max 209 fbga max unit c in input capacitance t a = 25 c, f = 1 mhz, v dd = 3.3v v ddq = 2.5v 6.5 7 5 pf c clk clock input capacitance 3 7 5 pf c io input/output capacitance 5.5 6 7 pf thermal resistance in the following table, the thermal resistance parameters are listed [18] parameter description test conditions 100 tqfp package 165 fbga package 209 fbga package unit ja thermal resistance (junction to ambient) test conditions follow standard test methods and procedures for measuring thermal impedance, according to eia/jesd51. 25.21 20.8 25.31 c/w jc thermal resistance (junction to case) 2.28 3.2 4.48 c/w figure 1. ac test loads and waveforms output r = 317 r = 351 5pf including jig and scope (a) (b) output r l = 50 z 0 = 50 v t = 1.5v 3.3v all input pulses v ddq gnd 90% 10% 90% 10% 1ns 1ns (c) output r = 1667 r = 1538 5pf including jig and scope (a) (b) output r l = 50 z 0 = 50 v t = 1.25v 2.5v all input pulses v ddq gnd 90% 10% 90% 10% 1ns 1ns (c) 3.3v io test load 2.5v io test load note 18. tested initially and after any design or proc ess change that may affect these parameters. [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 23 of 32 switching characteristics over the operating range [23, 24] parameter description 133 mhz 100 mhz unit min max min max t power [19] 1 1 ms clock t cyc clock cycle time 7.5 10 ns t ch clock high 2.5 3.0 ns t cl clock low 2.5 3.0 ns output times t cdv data output valid after clk rise 6.5 8.5 ns t doh data output hold after clk rise 2.5 2.5 ns t clz clock to low-z [20, 21, 22] 2.5 2.5 ns t chz clock to high-z [20, 21, 22] 3.8 0 4.5 ns t oev oe low to output valid 3.0 3.8 ns t oelz oe low to output low-z [20, 21, 22] 0 0 ns t oehz oe high to output high-z [20, 21, 22] 3.0 4.0 ns setup times t as address setup before clk rise 1.5 1.5 ns t als adv/ld setup before clk rise 1.5 1.5 ns t wes we , bw x setup before clk rise 1.5 1.5 ns t cens cen setup before clk rise 1.5 1.5 ns t ds data input setup before clk rise 1.5 1.5 ns t ces chip enable setup before clk rise 1.5 1.5 ns hold times t ah address hold after clk rise 0.5 0.5 ns t alh adv/ld hold after clk rise 0.5 0.5 ns t weh we , bw x hold after clk rise 0.5 0.5 ns t cenh cen hold after clk rise 0.5 0.5 ns t dh data input hold after clk rise 0.5 0.5 ns t ceh chip enable hold after clk rise 0.5 0.5 ns notes 19. this part has a voltage regulator internally; t power is the time that the power needs to be supplied above v dd (minimum) initially, before a read or write operation can be initiated. 20. t chz , t clz ,t oelz , and t oehz are specified with ac test conditions shown in part (b) of ac test loads and waveforms . transition is measured 200 mv from steady-state voltage. 21. at any voltage and temperature, t oehz is less than t oelz and t chz is less than t clz to eliminate bus contention between srams when sharing the same data bus. these specifications do not imply a bus contention condition, but reflect parameters guaranteed over worst case user condi tions. device is designed to achieve high-z prior to low-z under the same system conditions. 22. this parameter is sampled and not 100% tested. 23. timing reference level is 1.5v when v ddq = 3.3v and is 1.25v when v ddq = 2.5v. [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 24 of 32 switching waveforms figure 2. read/write waveforms [25, 26, 27] write d(a1) 123 456789 clk t cyc t cl t ch 10 ce t ceh t ces we cen t cenh t cens bw x adv/ld t ah t as address a1 a2 a3 a4 a5 a6 a7 t dh t ds dq c ommand t clz d(a1) d(a2) q(a4) q(a3) d(a2+1) t doh t chz t cdv write d(a2) burst write d(a2+1) read q(a3) read q(a4) burst read q(a4+1) write d(a5) read q(a6) write d(a7) deselect oe t oev t oelz t oehz dont care undefined d(a5) t doh q(a4+1) d(a7) q(a6) notes 25. for this waveform zz is tied low. 26. when ce is low, ce 1 is low, ce 2 is high and ce 3 is low. when ce is high, ce 1 is high or ce 2 is low or ce 3 is high. 27. order of the burst sequence is determined by the status of the mode (0 = linear, 1 = interleaved). burst operations are opti onal. [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 25 of 32 figure 3. nop, stall, and deselect cycles [25, 26, 28] switching waveforms (continued) read q(a3) 456 78910 a3 a4 a5 d(a4) 123 clk ce we cen bw [a:d] adv/ld address dq c ommand write d(a4) stall write d(a1) read q(a2) stall nop read q(a5) deselect continue deselect dont care undefined t chz a1 a2 q(a2) d(a1) q(a3) t doh q(a5) note 28. the ignore clock edge or sta ll cycle (clock 3) illustrates cen being used to create a pause. a write is not performed during this cycle. [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 26 of 32 figure 4. zz mode timing [29, 30] switching waveforms (continued) t zz i supply clk zz t zzrec a ll inputs (except zz) dont care i ddzz t zzi t rzzi outputs (q) high-z deselect or read only notes 29. device must be deselected when entering zz mode. see truth t able for all possible signal conditions to deselect the device. 30. dqs are in high-z when exiting zz sleep mode. [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 27 of 32 ordering information not all of the speed, package and temperat ure ranges are available. please contact your local sales representative or visit www.cypress.com for actual products offered. speed (mhz) ordering code package diagram part and package type operating range 133 cy7c1461av33-133axc 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) pb-free commercial cy7c1463av33-133axc cy7c1461av33-133bzc 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4 mm) cy7c1463av33-133bzc cy7c1461av33-133bzxc 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4 mm) pb-free cy7c1463av33-133bzxc cy7c1465av33-133bgc 51-85167 209-ball fine-pitch ball grid array (14 22 1.76 mm) cy7c1465av33-133bgxc 209-ball fine-pitch ball grid array (14 22 1.76 mm) pb-free cy7c1461av33-133axi 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) pb-free lndustrial cy7c1463av33-133axi cy7c1461av33-133bzi 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4 mm) cy7c1463av33-133bzi cy7c1461av33-133bzxi 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4 mm) pb-free cy7c1463av33-133bzxi cy7c1465av33-133bgi 51-85167 209-ball fine-pitch ball grid array (14 22 1.76 mm) cy7c1465av33-133bgxi 209-ball fine-pitch ball grid array (14 22 1.76 mm) pb-free 100 cy7c1461av33-100axc 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) pb-free commercial CY7C1463AV33-100AXC cy7c1461av33-100bzc 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4 mm) cy7c1463av33-100bzc cy7c1461av33-100bzxc 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4 mm) pb-free cy7c1463av33-100bzxc cy7c1465av33-100bgc 51-85167 209-ball fine-pitch ball grid array (14 22 1.76 mm) cy7c1465av33-100bgxc 209-ball fine-pitch ball grid array (14 22 1.76 mm) pb-free cy7c1461av33-100axi 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) pb-free lndustrial cy7c1463av33-100axi cy7c1461av33-100bzi 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4 mm) cy7c1463av33-100bzi cy7c1461av33-100bzxi 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4 mm) pb-free cy7c1463av33-100bzxi cy7c1465av33-100bgi 51-85167 209-ball fine-pitch ball grid array (14 22 1.76 mm) cy7c1465av33-100bgxi 209-ball fine-pitch ball grid array (14 22 1.76 mm) pb-free [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 28 of 32 package diagrams figure 5. 100-pin tqfp (14 x 20 x 1.4 mm) (51-85050) note: 1. jedec std ref ms-026 2. body length dimension does not include mold protrusion/end flash mold protrusion/end flash shall not exceed 0.0098 in (0.25 mm) per side 3. dimensions in millimeters body length dimensions are max plastic body size including mold mismatch 0.300.08 0.65 20.000.10 22.000.20 1.400.05 121 1.60 max. 0.05 min. 0.600.15 0 min. 0.25 0-7 (8x) stand-off r 0.08 min. typ. 0.20 max. 0.15 max. 0.20 max. r 0.08 min. 0.20 max. 14.000.10 16.000.20 0.10 see detail a detail a 1 100 30 31 50 51 80 81 gauge plane 1.00 ref. 0.20 min. seating plane 51-85050-*b [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 29 of 32 figure 6. 165-ball fbga (15 x 17 x 1.4 mm) (51-85165) package diagrams (continued) a 1 pin 1 corner 17.000.10 15.000.10 7.00 1.00 ?0.450.05(165x) ?0.25 m c a b ?0.05mc b a 0.15(4x) 0.35 1.40 max. seating plane 0.530.05 0.25 c 0.15 c pin1corner top view bottom view 2 3 4 5 6 7 8 9 10 10.00 14.00 b c d e f g h j k l m n 11 11 10 9 8 67 5 4 3 2 1 p r p r k m n l j h g f e d c b a c 1.00 5.00 0.36 +0.05 -0.10 51-85165-a [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 30 of 32 figure 7. 209-ball fbga (14 x 22 x1.76 mm) (51-85167) package diagrams (continued) 51-85167-** [+] feedback
cy7c1461av33 cy7c1463av33, cy7c1465av33 document #: 38-05356 rev. *g page 31 of 32 document history page document title: cy7c1461av33/cy7c1463av33/cy7c1465av33 36 mbit (1m x 36/2 m x 18/512k x 72) flow-through sram with nobl? architecture document number: 38-05356 rev. ecn no. issue date orig. of change description of change ** 254911 see ecn syt new data sheet part number changed from previous revision. new and old part number differ by the letter ?a? *a 300131 see ecn syt removed 150- and 117-mhz speed bins changed ja and jc from tbd to 25.21 and 2.58 c/w, respectively, for tqfp package added pb-free information for 100-pin tqfp, 165 fbga and 209 fbga packages added ?pb-free bg and bz packages avai lability? below the ordering information *b 320813 see ecn syt changed h9 pin from v ssq to v ss on the pin configuration table for 209 fbga changed the test condition from v dd = min. to v dd = max for v ol in the electrical characteristics table replaced the tbd?s for i dd , i sb1 , i sb2 , i sb3 and i sb4 to their respective values replaced tbd?s for ja and jc to their respective values on the thermal resis- tance table for 165 fbga and 209 fbga packages changed c in , c clk and c io to 6.5, 3 and 5.5 pf from 5, 5 and 7 pf for tqfp package removed ?pb-free bg packages availabi lity? comment below the ordering infor- mation *c 331551 see ecn syt modified address expansion balls in the pinouts for 165 fbga and 209 fbga packages according to jedec standards and updated the pin definitions accord- ingly modified v ol, v oh test conditions replaced tbd to 100 ma for i ddzz changed c in , c clk and c io to 7, 7and 6 pf from 5, 5 and 7 pf for 165 fbga package added industrial temperature grade changed i sb2 and i sb4 from 100 and 110 ma to 120 and 135 ma respectively updated the ordering information by shading and unshading mpns according to availability *d 417547 see ecn rxu converted from preliminary to final changed address of cypress semiconductor corporation on page# 1 from ?3901 north first street? to ?198 champion court? changed i x current value in mode from ?5 & 30 a to ?30 & 5 a respectively and also changed i x current value in zz from ?30 & 5 a to ?5 & 30 a respectively on page# 20 modified test condition from v ih < v dd to v ih < v dd modified ?input load? to ?input leakage current except zz and mode? in the electrical characteristics table replaced package name column with package diagram in the ordering information table replaced package diagram of 51-85050 from *a to *b updated the ordering information [+] feedback
document #: 38-05356 rev. *g revised may 05, 2008 page 32 of 32 nobl and no bus latency are trademarks of cypress semiconductor corporation. zbt is a trademark of integrated device technology , inc. all product and company names mentioned in this document are the trademarks of their respective holders. cy7c1461av33 cy7c1463av33, cy7c1465av33 ? cypress semiconductor corporation, 2004-2008. the information contained herein is subject to change without notice. cypress s emiconductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or other rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement wi th cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. any source code (software and/or firmware) is owned by cypress semiconductor corporation (cypress) and is protected by and subj ect to worldwide patent protection (united states and foreign), united states copyright laws and internatio nal treaty provisions. cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the cypress source code and derivative works for the sole purpose of creating custom software and or firmware in su pport of licensee product to be used only in conjunction with a cypress integrated circuit as specified in the applicable agreement. any reproduction, modification, translation, compilation, or repre sentation of this source code except as specified above is prohibited without the express written permission of cypress. disclaimer: cypress makes no warranty of any kind, express or implied, with regard to this material, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose. cypress reserves the right to make changes without further notice to t he materials described herein. cypress does not assume any liability arising out of the application or use of any product or circuit described herein. cypress does not authori ze its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress? prod uct in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. use may be limited by and subject to the applicable cypress software license agreement. *e 473650 see ecn vkn added the maximum rating for supply voltage on v ddq relative to gnd. changed t th , t tl from 25 ns to 20 ns and t tdov from 5 ns to 10 ns in tap ac switching characteristics table. updated the ordering information table. *f 1274733 see ecn vkn/aesa corrected typo in the ?nop, stall and deselect cycles? waveform *g 2499107 see ecn vkn/pyrs corrected typo in the cy7c1465av33 ?s logic block diagram document title: cy7c1461av33/cy7c1463av33/cy7c1465av33 36 mbit (1m x 36/2 m x 18/512k x 72) flow-through sram with nobl? architecture document number: 38-05356 rev. ecn no. issue date orig. of change description of change [+] feedback


▲Up To Search▲   

 
Price & Availability of CY7C1463AV33-100AXC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X